PART |
Description |
Maker |
ENA0444A SB10015M-TL-E SB10015M12 |
15V, 1.0A Rectifi er
|
Sanyo Semicon Device
|
SBE818 |
30V, 2.0A Rectifi er
|
Sanyo Semicon Device
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT150DL60B2 APT150DL60B2G |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CPD2410 |
Fast Recovery Rectifier 1 Amp Glass Passivated Rectifi er Chip
|
Central Semiconductor Corp
|
TDA4863-2 TDA4863-2G Q67040-S4620 Q67040-S4621 |
Power Control ICs - PFC-IC for high Output Power in SMD-Package Power Factor Controller IC for High Power Factor and Low THD
|
INFINEON[Infineon Technologies AG]
|
FSB147HNY |
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
|
List of Unclassifed Manufacturers
|
TDA16846 TDA16847 TDA1684603 TDA16846-2 TDA16847-2 |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
|
Infineon Technologies AG
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
2SC5505 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN epitaxial planar type
|
Panasonic Semiconductor
|